PART |
Description |
Maker |
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
UF4003 UF4005-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, PLASTIC, DO-41, 2 PIN, Signal Diode DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
BYD33DGP-HE3 BYD33GGP-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Semiconductors
|
1N4948-E3-PKG4 |
DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AP, LEAD FREE, HERMETIC SEALED, GLASS PACKAGE-2, Signal Diode
|
Vishay Semiconductors
|
EGP10GT50A EGP10JT50A EGP10KT50R EGP10D EGP10B |
Fast Rectifiers (Glass Passivated) 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
FAIRCHILD SEMICONDUCTOR CORP
|
BAL99LT1G BAL99LT1 BAL99L |
Small Signal Diode From old datasheet system SWITCHING DIODE 0.1 A, 70 V, SILICON, SIGNAL DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
ZHCS1006TA ZHCS500TA ZHCS750TA UZHCS500TA UZHCS500 |
DIODE SCHOTTKY 60V 1.0A SOT-23 0.9 A, SILICON, SIGNAL DIODE DIODE SCHOTTKY 40V 0.5A SOT-23 0.5 A, SILICON, SIGNAL DIODE 0.75 A, SILICON, SIGNAL DIODE MINIATURE PACKAGE-3 0.4 A, SILICON, SIGNAL DIODE
|
Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
1N3064 1N3064T50R 1N3064TR |
Small Signal Diode 0.3 A, 75 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BAS40 |
DIODE 0.2 A, 40 V, SILICON, SIGNAL DIODE, TO-236AB, PLASTIC PACKAGE-3, Signal Diode
|
Vishay Semiconductors
|
JANS1N6663 |
Signal or Computer Diode; Package: B; IO (A): 0.5; IFSM (A): 5; Cj (pF): 20; Vrwm (V): 600; VF (V): 1; IR (µA): 0.05; 0.5 A, SILICON, SIGNAL DIODE, DO-35
|
Microsemi, Corp.
|
|